PART |
Description |
Maker |
GS81032AT-150I GS81032AT-138I GS81032AT-133I GS810 |
18ns 66MHz 32K x 32 1Mb synchronous burst SRAM 12ns 100MHz 32K x 32 1Mb synchronous burst SRAM 10ns 133MHz 32K x 32 1Mb synchronous burst SRAM 9.7ns 138MHz 32K x 32 1Mb synchronous burst SRAM 11ns 117MHz 32K x 32 1Mb synchronous burst SRAM 9ns 150MHz 32K x 32 1Mb synchronous burst SRAM 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 9.7 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 18 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 10 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM
|
GSI Technology, Inc.
|
IS61LV632A IS61LV632A-4PQ IS61LV632A-4TQ IS61LV632 |
32K X 32 CACHE SRAM, 5 ns, PQFP100 32K X 32 CACHE SRAM, 6 ns, PQFP100 x32 Fast Synchronous SRAM X32号,快速同步SRAM 32K x 32 SYNCHRONOUS FAST STATIC RAM
|
INTEGRATED SILICON SOLUTION INC Xilinx, Inc. Integrated Silicon Solution, Inc
|
CY7C1218F CY7C1218F-133AC |
32K X 36 CACHE SRAM, 4 ns, PQFP100 1-Mb (32K x36) Pipelined Sync SRAM
|
CYPRESS SEMICONDUCTOR CORP
|
AS7C256A AS7C256A-10JC AS7C256A-15JCN AS7C256A-15J |
IC,AS7C256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,5V 5V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 20 ns, PDSO28 SRAM - 5V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
WMYP32K36V-8TQM WMYP32K36V-8TQI WMYP32K36V-10TQI W |
32K X 36 CACHE SRAM, 8 ns, CQFP100 32K X 36 CACHE SRAM, 10 ns, CQFP100
|
Maxim Integrated Products, Inc.
|
PDM44538S10JTR PDM44538S10JITR |
32K X 18 CACHE SRAM, PQCC52
|
|
M62940AQ11TR |
32K X 9 CACHE SRAM, 11 ns, PQCC44
|
STMICROELECTRONICS
|
TC55B329J-12 |
32K X 9 CACHE SRAM, 12 ns, PDSO32
|
|
MCM69F536CTQ12 MCM69F536CTQ12R MCM69F536CTQ10 MCM6 |
32K x 36 Bit Flow?Through BurstRAM Synchronous Fast Static RAM 32K X 36 CACHE SRAM, 10 ns, PQFP100 32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM 32K X 36 CACHE SRAM, 10 ns, PQFP100 32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM 32K X 36 CACHE SRAM, 8.5 ns, PQFP100 32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM 32K X 36 CACHE SRAM, 12 ns, PQFP100
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
GM76U256C GM76U256CE GM76U256CL GM76U256CLE GM76U2 |
x8 SRAM 32K X 8 STANDARD SRAM, 120 ns, PDSO28 x8 SRAM 32K X 8 STANDARD SRAM, 100 ns, PDSO28 32K x8 bit 3.0V Low Power CMOS slow SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|